Part Number Hot Search : 
102MP3 PF240A25 RTL82 01089 BPC2508 STD83 AM29F01 AD734
Product Description
Full Text Search
 

To Download SFR601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFR601 THRU SFR607
6.0 AMPS. Soft Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 6.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability Fast switching for high efficiency
R-6
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 1.65 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SFR SFR Type Number 601 602 Maximum Recurrent Peak Reverse Voltage 50 100 VRRM Maximum RMS Voltage 35 70 VRMS Maximum DC Blocking Voltage 50 100 VDC
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @6.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=75 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance ( Note 3 ) Operating Temperature Range Storage Temperature Range
SFR 603
SFR 604
SFR 605
SFR 606
SFR Units 607
200 140 200
400 280 400 6.0 200 1.2 10 200
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA nS pF
O
I(AV) IFSM VF IR Trr Cj
RJA
120
TJ
TSTG Notes:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
200 100 35 -65 to +150 -65 to +150
350
C/W

- 430 -
RATINGS AND CHARACTERISTIC CURVES (SFR601 THRU SFR607)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
8 200
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT AMPERES
6
100
4
2
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm) Lead Length
50
Tj=25 OC 8.3ms Single Half Sine Wave JEDEC Method
0
10 0 25 50 75 100
o
125
150
175
1
5
10
50
100
AMBIENT TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1000 700 600 500 400
FIG.4- TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD CURRENT. (A)
JUNCTION CAPACITANCE.(pF)
300 200
100
40
100
10
Tj=25oC Pulse Width=300 s 1% Duty Cycle
60 40
1
2
4
6
10
20
40
60
100
1
REVERSE VOLTAGE. (V)
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE. (V)
FIG.5- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
- 431 -


▲Up To Search▲   

 
Price & Availability of SFR601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X